PART |
Description |
Maker |
LT1363 LT1363CN8 LT1363CS8 1363FA |
70MHz, 1000V/us Op Amp Synchronous 4-Bit Binary Counters With 3-State Outputs 20-SOIC 0 to 70 From old datasheet system 70MHz/ 1000V/us Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
IRFMG50 |
1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET 1000V, N-CHANNEL THRU-HOLE (TO-254AA)
|
International Rectifier
|
IRFBG30 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=1000V/ Rds(on)=5.0ohm/ Id=3.1A)
|
IRF[International Rectifier]
|
MP10005G-G MP1010G-G MP1008G-G MP1002G-G MP1006G-G |
Bridge Rectifiers, V<sub>RRM</sub>=1000V, V<sub>DC</sub>=1000V, I<sub>(AV)</sub>=10A SMD Glass Passivated Bridge Rectifiers
|
Comchip Technology
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|
RURP15100 FN2878 |
15A, 1000V Ultrafast Diode 15 A, 1000 V, SILICON, RECTIFIER DIODE 15A 1000V Ultrafast Diode From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RHRP8100CC FN3965 |
8A/ 1000V Hyperfast Dual Diode From old datasheet system 8A, 1000V Hyperfast Dual Diode
|
Intersil Corporation
|
STW8NB100 6509 |
N - CHANNEL 1000V - 1.2ohm- 8A - TO-247 PowerMESH MOSFET From old datasheet system N - CHANNEL 1000V - 1.2 - 8A - TO-247 PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
APT14F100B APT14F100S |
N-Channel FREDFET 1000V, 14A, 1.00Ω Max, trr ?40ns N-Channel FREDFET 1000V, 14A, 1.00ヘ Max, trr ÷240ns
|
Microsemi Corporation
|
MH57 MH58 MH56 |
HIGH EFFICIENCY RECTIFIERS(5.0A /600-1000V) HIGH EFFICIENCY RECTIFIERS(5.0A600-1000V) HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
|
MOSPEC[Mospec Semiconductor]
|
STP3NB100 STP3NB100FP 6249 |
N-Channel 1000V-5.3Ω-3A- TO-220/TO-220FP PowerMESH MOSFET(N沟道MOSFET) N沟道1000V -5.3Ω- 3A条,TO-220/TO-220FP PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system
|
Bel Fuse, Inc. STMICROELECTRONICS[STMicroelectronics]
|
RURG30100CC RURG3090CC RURG3080CC FN2935 RURG3070C |
30A/ 700V - 1000V Ultrafast Dual Diodes 30A, 700V - 1000V Ultrafast Dual Diodes 30A 700V - 1000V Ultrafast Dual Diodes From old datasheet system
|
INTERSIL[Intersil Corporation]
|